Part Number Hot Search : 
MA786WA C4744G 044R7 UPC2002 4C26AM DHPH201U LSP10120 HTEV800
Product Description
Full Text Search
 

To Download SI4435DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 93768A
SI4435DY
HEXFET(R) Power MOSFET
l l l l
Ultra Low On-Resistance P-Channel MOSFET Surface Mount Available in Tape & Reel
S
1
8 7
A D D D D
S
S G
2
VDSS = -30V
3
6
4
5
RDS(on) = 0.020
Description
These P-channel HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications.. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
T o p V ie w
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-30 -8.0 -6.4 -50 2.5 1.6 0.02 20 -55 to + 150
Units
V A
W W/C V C
Thermal Resistance
Parameter
RJA Maximum Junction-to-Ambient
Max.
50
Units
C/W
www.irf.com
1
10/14/99
SI4435DY
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -30 --- --- --- -1.0 --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V V GS = 0V, ID = -250A -0.019 --- V/C Reference to 25C, ID = -1mA 0.015 0.020 VGS = -10V, ID = -8.0A 0.026 0.035 VGS = -4.5V, ID = -5.0A --- --- V VDS = VGS, ID = -250A 11 --- S VDS = -15V, ID = -8.0A --- -10 VDS = -24V, VGS = 0V A --- -10 VDS = -15V, VGS = 0V, TJ = 70C --- -100 VGS = -20V nA --- 100 VGS = 20V 40 60 ID = -4.6A 7.1 --- nC VDS = -15V 8.0 --- VGS = -10V 16 24 VDD = -15V, VGS = -10V 76 110 ID = -1.0A ns 130 200 RG = 6.0 90 140 R D = 15 2320 --- VGS = 0V 390 --- pF VDS = -15V 270 --- = 1.0kHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 34 33 -2.5 A -50 -1.2 51 50 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.5A, VGS = 0V TJ = 25C, I F = -2.5A di/dt = -100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on FR-4 board, t 5sec.
Pulse width 300s; duty cycle 2%.
2
www.irf.com
SI4435DY
1000
VGS -15V -10V -7.0V -5.5V -4.5V -4.0V -3.5V BOTTOM -2.7V TOP
1000
-I D , Drain-to-Source Current (A)
100
-I D , Drain-to-Source Current (A)
100
VGS -15V -10V -7.0V -5.5V -4.5V -4.0V -3.5V BOTTOM -2.7V TOP
10
10
-2.70V
1
1
-2.70V
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
ID = -8.0A
-I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 150 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
1.5
10
1.0
0.5
1 2.0
V DS = -15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0
0.0 -60 -40 -20
VGS = -10V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
SI4435DY
3500 3000 2500 2000
-VGS , Gate-to-Source Voltage (V)
VGS = Ciss = Crss = Coss =
0V, f = 1MHz Cgs + Cgd , Cds SHORTED Cgd Cds + Cgd
20
ID = -4.6A VDS = -15V
16
C, Capacitance (pF)
Ciss
12
1500 1000 500 0 1 10 100
8
4
Coss Crss
0 0 10 20 30 40 50 60
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
OPERATION IN THIS AREA LIMITED BY RDS(on)
-ISD , Reverse Drain Current (A)
10
TJ = 150 C
-ID , Drain Current (A) I
100 100us
TJ = 25 C
1
1ms 10 10ms
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2 1.4
1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
SI4435DY
8.0 0.20
0.10
-ID , Drain Current (A)
-V GS(th) , Variace ( V )
6.0
0.00
Id = -250A
-0.10
4.0
-0.20
2.0
-0.30
0.0 25 50 75 100 125 150
-0.40 -50 -25 0 25 50 75 100 125 150
TC , Case Temperature ( C)
T J , Temperature ( C )
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Typical Vgs(th) Variance Vs. Juction Temperature
100
D = 0.50
Thermal Response (Z thJA )
10
0.20 0.10 0.05
1
0.02 0.01 P DM t1
0.1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.01 0.1 1 10
t2
0.01 0.00001
0.0001
0.001
100
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
SI4435DY
0.10
R DS ( on) , Drain-to-Source On Resistance ( )
0.10
R DS(on) , Drain-to -Source Voltage ( )
0.08
0.08
0.06
0.06
VGS= - 4.5V
0.04
0.04
Id = -8.0A
0.02
0.02
VGS = -10V
0.00 0 10 20 30 40
0.00 2 4 6 8 10 12 14 16
-V GS, Gate -to -Source Voltage ( V )
-I D , Drain Current ( A )
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
6
www.irf.com
SI4435DY
SO-8 Package Details
D -B-
DIM
5
INCHES MIN .0532 .0040 .014 .0075 .189 .150 MAX .0688 .0098 .018 .0098 .196 .157
MILLIMETERS MIN 1.35 0.10 0.36 0.19 4.80 3.81 MAX 1.75 0.25 0.46 0.25 4.98 3.99
A
6 5 H 0.25 (.010) M AM
5
8 E -A-
7
A1 B C D E
1
2
3
4
e 6X
K x 45 e1 A
e e1 H K L
.050 BASIC .025 BASIC .2284 .011 0.16 0 .2440 .019 .050 8
0.72 (.028 ) 8X
1.27 BASIC 0.635 BASIC 5.80 0.28 0.41 0 6.20 0.48 1.27 8
0.10 (.004) L 8X 6 C 8X
-CB 8X 0.25 (.010) NOTES: A1 M CASBS
RECOMMENDED FOOTPRINT
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982. 2. CONTROLLING DIMENSION : INCH. 3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES). 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA. 5 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS MOLD PROTRUSIONS NOT TO EXCEED 0.25 (.006). DIMENSIONS IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE.. 1.27 ( .050 ) 3X 6.46 ( .255 )
1.78 (.070) 8X
SO-8 Part Marking
www.irf.com
7
SI4435DY
SO-8 Tape and Reel
T E R M IN A L N U M B E R 1
1 2 .3 ( .4 8 4 ) 1 1 .7 ( .4 6 1 )
8 .1 ( .3 1 8 ) 7 .9 ( .3 1 2 )
F E E D D IR E C T IO N
N O TES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
3 3 0 .0 0 (1 2 .9 9 2 ) MAX.
1 4 .4 0 ( .5 66 ) 1 2 .4 0 ( .4 88 ) N O TE S : 1. C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2. O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 10/99
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of SI4435DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X